Part Number Hot Search : 
2C64A HT7024A DMR14A HWL34YRA HT7024A 7260L10 7260L10 ZXGD300
Product Description
Full Text Search
 

To Download 50SMDJ100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transient Voltage Suppression Diodes
Surface Mount - 5000W > 5.0SMDJ series
RoHS
5.0SMDJ Series
Description The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Features typically less than 1.0ps from 0V to BV min applications to optimize board space capability resistance less than 5A R above 22V soldering guaranteed: 260C/40 seconds at terminals Underwriters Laboratory Flammability 94V-O
Agency Approvals
AGENCY AGENCY FILE NUMBER E230531
temperature coefficient
VBR = 0.1% x VBR@25C x T
Maximum Ratings and Thermal Characteristics (TA=25OC unless otherwise noted)
Parameter Peak Pulse Power Dissipation at TA=25OC by 10x1000s waveform (Fig.1)(Note 1), (Note 2) Power Dissipation on infinite heat sink at TA=50OC Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3) Maximum Instantaneous Forward Voltage at 100A for Unidirectional only Operating Junction and Storage Temperature Range Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient Symbol PPPM PM(AV) IFSM VF TJ , TSTG RuJL RuJA Value 5000 6.5 300 5.0 -65 to 150 15 75 Unit W W A V C C/W C/W
junction capability at 10x1000s waveform, repetition rate (duty cycles):0.01%
Applications TVS devices are ideal for the protection of I/O Interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25OC per Fig. 2. 2. Mounted on copper pad area of 0.31x0.31" (8.0 x 8.0mm) to each terminal. 3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only,duty cycle=4 per minute maximum.
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5.0SMDJ.html for current information.
59 Revision: January 09, 2009
5.0SMDJ Series
5.0SMDJ Series
Transient Voltage Suppression Diodes
Surface Mount - 5000W > 5.0SMDJ series
Electrical Characteristics
Part Number (Uni)
5.0SMDJ12A 5.0SMDJ13A 5.0SMDJ14A 5.0SMDJ15A 5.0SMDJ16A 5.0SMDJ17A 5.0SMDJ18A 5.0SMDJ20A 5.0SMDJ22A 5.0SMDJ24A 5.0SMDJ26A 5.0SMDJ28A 5.0SMDJ30A 5.0SMDJ33A 5.0SMDJ36A 5.0SMDJ40A 5.0SMDJ43A 5.0SMDJ45A 5.0SMDJ48A 5.0SMDJ51A 5.0SMDJ54A 5.0SMDJ58A 5.0SMDJ60A 5.0SMDJ64A 5.0SMDJ70A 5.0SMDJ75A 5.0SMDJ78A 5.0SMDJ85A 5.0SMDJ90A 5.0SMDJ100A 5.0SMDJ110A 5.0SMDJ120A 5.0SMDJ130A 5.0SMDJ150A 5.0SMDJ160A 5.0SMDJ170A
Part Number (Bi)
5.0SMDJ12CA 5.0SMDJ13CA 5.0SMDJ14CA 5.0SMDJ15CA 5.0SMDJ16CA 5.0SMDJ17CA 5.0SMDJ18CA 5.0SMDJ20CA 5.0SMDJ22CA 5.0SMDJ24CA 5.0SMDJ26CA 5.0SMDJ28CA 5.0SMDJ30CA 5.0SMDJ33CA 5.0SMDJ36CA 5.0SMDJ40CA 5.0SMDJ43CA 5.0SMDJ45CA -
Marking UNI
5PEP 5PEQ 5PER 5PES 5PET 5PEU 5PEV 5PEW 5PEX 5PEZ 5PFE 5PFG 5PFK 5PFM 5PFP 5PFR 5PFT 5PFV 5PFX 5PFZ 5RGE 5PGG 5PGK 5PGM 5PGP 5PGR 5PGT 5PGV 5PGX 5PGZ 5PHE 5PHG 5PHK 5PHM 5PHP 5PHR
BI
5BEP 5BEQ 5BER 5BES 5BET 5BEU 5BEV 5BEW 5BEX 5BEZ 5BFE 5BFG 5BFK 5BFM 5BFP 5BFR 5BFT 5BFV -
Reverse Stand off Voltage VR (Volts)
12.0 13.0 14.0 15.0 16.0 17 .0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0
Breakdown Voltage VBR (Volts) @ IT MIN
13.30 14.40 15.60 16.70 17 .80 18.90 20.00 22.20 24.40 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47 .80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77 .80 83.30 86.70 94.40 100.00 111.00 122.00 133.00 144.00 167 .00 178.00 189.00
MAX
14.70 15.90 17 .20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147 .00 159.00 185.00 197 .00 209.00
Test Current IT (mA)
10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Maximum Maximum Agency Clamping Peak Reverse Approval Voltage VC Pulse Leakage IR @ Ipp Current Ipp @ VR (V) (A) (A)
19.9 21.5 23.2 24.4 26.0 27 .6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77 .4 82.4 87 .1 93.6 96.8 103.0 113.0 121.0 126.0 137 .0 146.0 162.0 177 .0 193.0 209.0 243.0 259.0 275.0 252.00 233.00 216.00 205.00 193.00 181.00 172.00 155.00 141.00 129.00 119.00 110.00 103.00 93.90 86.10 77 .60 72.10 68.80 64.70 60.70 57 .50 53.50 51.70 48.60 44.30 41.40 39.70 36.50 34.30 30.90 28.30 26.00 24.00 20.60 19.30 18.20 800 500 200 100 50 20 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
For Bidirectional type having VR of 20 volts and less,the IR limit is double.
5.0SMDJ Series
60 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
Transient Voltage Suppression Diodes
Surface Mount - 5000W > 5.0SMDJ series
Ratings and Characteristic Curves (T =25C unless otherwise noted)
A
1000
100 Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage %
PPPM-Peak Pulse Power (KW)
80
100
60
10
40
1
0.31x0.31" (8.0x8.0mm)
20
0.1
Copper Pad Area
0
0.000001 0.00001 0.0001 0.001
0.0000001
0
25
50
75
100
125
150
175
td-Pulse Width (Sec.)
TA-Ambient temperature (C)
Figure 3 - Pulse Waveform
150
IPPM- Peak Pulse Current, % IRSM tr=10sec Peak Value IPPM
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Figure 4 - Typical Junction Capacitance
100000
10000
Bi-directional V= OV
100
Uni-directional V= OV
Half Value IPPM IPPM
2
Cj (pF)
1000
Uni-directional @ VR
()
10/1000sec. Waveform as defined by R.E.A
100
Bi-directional @ VR
50
10
td
0
0
1.0
2.0 t-Time (ms)
3.0
4.0
1 1.0
10.0 100.0 1000.0 VBR - Reverse Breakdown Voltage (V)
Figure 5 - Steady State Power Derating Curve
Figure 6 - Maximum Non-Repetitive Peak Forward Surge Current Uni-Directional Only
350 IFSM - Peak Forward Surge Current (A) 300 250 200 150 100 50 0
6.5 6 5.5 5 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 25 50 75 100 125 150 175 TA-Ambient Temperature (C)
PM(AV), Steady State Power Dissipation (W)
1
10 Number of Cycles at 60 Hz
100
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5.0SMDJ.html for current information.
61 Revision: January 09, 2009
5.0SMDJ Series
5.0SMDJ Series
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Transient Voltage Suppression Diodes
Surface Mount - 5000W > 5.0SMDJ series
Soldering Parameters
Reflow Condition
TP
tp
Ramp-up Critical Zone TL to TP
- Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (min to max) (ts) Average ramp up rate (Liquidus Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Time (min to max) (ts)
150C 200C
Temperature (T)
TL Ts(max)
tL
3C/second max 3C/second max 217C 260
+0/-5
Ramp-down
Ts(min) ts
Preheat
25C t 25C to Peak
Time (t)
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
C
6C/second max 8 minutes Max. 280C
Physical Specifications
Weight Case Polarity Terminal 0.007 ounce, 0.21 grams JEDEC DO214AB. Molded plastic body over glass passivated junction Color band denotes positive end (cathode) except Bidirectional. Matte Tin-plated leads, Solderable per JESD22-B102D
Environmental Specifications
Temperature Cycle Pressure Cooker High Temp. Storage HTRB Thermal Shock JESD22-A104 JESD 22-A102 JESD22-A103 JESD22-A108 JESD22-A106
Dimensions
DO-214AB (SMC J-Bend)
Cathode Band
Dimensions A
Inches Min 0.114 0.260 0.220 0.079 0.030 0.305 0.006 0.129 0.094 0.094 Max 0.126 0.280 0.245 0.103 0.060 0.008 0.320 0.012 0.165 -
Millimeters Min 2.900 6.600 5.590 2.060 0.760 7 .750 0.152 3.300 2.400 2.400 Max 3.200 7 .110 6.220 2.620 1.520 0.203 8.130 0.305 4.200 -
A
C
B C D E
B H D F E
J
F G H I J K L
G
K L
I
5.0SMDJ Series
62 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5.0SSMDJ.html for current information.
Transient Voltage Suppression Diodes
Surface Mount - 5000W > 5.0SMDJ series
Part Numbering System
5.0SMDJ XXX C A
Part Marking System
Cathode Band
5% VOLTAGE TOLERANCE BI-DIRECTIONAL VOLTAGE SERIES
F
Littelfuse Logo Marking Code
Packaging
Part number 5.0SMDJxxxXX Component Package DO-214AB Quantity 3000 Packaging Option Packaging Specification EIA STD RS-481
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5.0SMDJ.html for current information.
63 Revision: January 09, 2009
5.0SMDJ Series
5.0SMDJ Series
XXXX


▲Up To Search▲   

 
Price & Availability of 50SMDJ100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X